Part Number Hot Search : 
16012 MAC15 630D103 2N5190 HCF4017 PNX7850 SR2020 CAT51
Product Description
Full Text Search
 

To Download STK404-140N-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appli ances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliab ility and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. 80112hkpc 018-11-0082 no.a2100-1/11 STK404-140N-E overview the STK404-140N-E is a hybrid ic for the audio power amplifier that mounts discrete components as the audio power amplifier circuit in small space using the original insulated metal substrate technology imst. the compact package has been achieved by adopting the low thermal re sistance substrate (our conventional model kind ratio). application ? audio power use features ? pin-to-pin compatible outputs ranging from 60w to 180w ? miniature package ? output load impedance: r l = 6 recommended. ? allowable load shorted time: 0.3 second ? allows the use of predesigned applications for st andby, mute, and the load short protection circuit. selection guide stk404-070n-e stk404-120n-e STK404-140N-E output1 (10%/1khz) 60w 1ch 120w 1ch 180w 1ch output2 (1%/20hz to 20khz) 40w 1ch 80w 1ch 120w 1ch maximum rating v cc max (no sig.) 46v 65v 78v maximum rating v cc (6 ) 39v 59v 73v recommended operating v cc (6 ) 30v 41v 51v package size 44.0mm 25.6mm 8.5mm 46.6mm 25.5mm 8.5mm 59.2mm 25.5mm 8.5mm ordering number : ena2100 thick-film hybrid ic 1ch class-ab audio power ic 180w
STK404-140N-E no.a2100-2/11 specifications absolute maximum ratings at ta = 25 c, tc = 25 c unless otherwise specified parameter symbol conditions ratings unit power supply voltage 1 v cc max1 non- signal 78 v power supply voltage 2 v cc max2 signal, r l = 6 73 v thermal detector maximum voltage vp 1-2pin 16 v thermal detector maximum current ip 1-2pin 30 ma thermal resistance j-c per one power transistor 1.1 c/w junction temperature tj max 150 c operating substrate temperature tc max 125 c storage temperature tstg -30 to +125 c allowable time for load short-circuit *4 ts v cc = 51v, r l = 6 , f = 50hz p o = 120w 0.3 s operating characteristics at tc = 25 c, r l = 6 (non-inductive load), rg = 600 , vg = 30db conditions ratings parameter symbol v cc [v] f [hz] p o [w] thd [%] min typ max unit p o 1 51 20 to 20k 1.0 120 output power p o 2 51 1k 10 180 w frequency characteristics f l , f h 51 1.0 +0 -3db 20 to 20k hz input impedance ri 51 1k 1.0 55 k output noise voltage *3 v no 62 rg=10k 1.2 mvrms output neutral voltage v n 62 -100 0 +100 mv quiescent current i cco 62 no load 60 ma thermal detector resistance *2 rp tp=25 c, 1-2pin 470 thermal detector operate temperrature *2 tp rp=4.7k , 1-2pin 145 c [note] * 1. all tests are measured using a constant-voltage supply unless otherwise specified. * 2. thermal detector temperature (+145c 5c) indicates the value at unusual op eration, therefore, does not indicate the guaranteed value at usual operation. thermal detector is prf18series (as ch aracteristic) manufactured by murata. * 3. the output noise voltage is peak value of an average-reading meter with a rms value scale (vtvm). a regulated ac supply (50hz) should be used to elim inate the effects of ac pr imary line flicker noise. * 4. allowable time for load short-circuit and output noise voltage are measured using the specified transformer power supply. about the load short circuit, it is designed assuming protecting by cut-off within 0.3 second. * 5. weight of 1 hic : 17.2g outer carton dimensions (wlh) : 502mm247mm282mm (equivalent to mg-250) + + 10000 f 500 500 dba40c +v cc -v cc
STK404-140N-E no.a2100-3/11 package dimensions unit : mm (typ) rohs directive pass equivalent circuit tr7 tr8 driver amp. tr6 r4 r5 1 2 3 4 5 6 7 8 9 10 11 12 input amp. in nf sub c2 pt1 59.2 8.5 2.9 0.4 5.5 5.6 20.8 4.0 25.5 16.0 11.0 52.0 3.6 (10.76) 2.54 0.5 113 12 2.54=30.48
STK404-140N-E no.a2100-4/11 test circuit STK404-140N-E c5 c2 c1 c3 c4 r5 r4 r1 r2 r3 4 1 10 13 12 11 9 6 3 2 8 7 5 + + + + + + r l r11 c10 c9 c8 + c6 c7 out +12v +v cc -v cc in r10 r9 r8 r7 l1 r6 pcb layout example top view j1 l 1 c 7 c 8 c 9 c 10 r 6 r 7 r 8 r 9 r 10 r 11 d 1 + v cc g n d ou t gn d j2 i c 1 s t k 404- 000 t es t - a 1 1 130- -070 r 1 c 1 c 2 r2 c 3 r3 c 4 c5 c 6 r 4 r5 - v cc in gn d +1 2 v t sd 1 090- 120
STK404-140N-E no.a2100-5/11 pcb parts list type (ic1) stk404-070n-e stk404-120n-e STK404-140N-E position of (1)pin third from the right end second from the right end the right end location r1 1k r2 56k r3 1.8k r4 100 /1w r5 56k r6 10k /1w 4.7k /1w 5.1k /1w r7 10k /1w 4.7k /1w 5.1k /1w r8 0.22 /5w r9 - 0.22 /5w r10 4.7 /1w r11 4.7 /1w c1 470pf c2 2.2 f/50v c3 10 f/50v c4 100 f/100v c5 5pf c6 100 f/50v c7 47 f/100v c8 10 f/100v c9 10 f/100v c10 0.1 f d1 200v/0.5a l1 2.2 h j1 15mm j2 10mm
STK404-140N-E no.a2100-6/11 [stk404-000nsr pin layout] 1 2 3 4 5 6 7 8 9 10 (size) 44.0mm 25.6mm 8.5mm 1ch classab/2.54mm stk404-070n 60w/jeita i n / c h 1 n f / c h 1 s u b - p r e + p r e + p o w e r t r - p o w e r t r - v c c + v c c o u t / c h 1 1 2 3 4 5 6 7 8 9 10 11 12 (size) 46.6mm 25.5mm 8.5mm 1ch classab/2.54mm stk404-120n 120w/jeita t h i n / c h 1 n f / c h 1 s u b - p r e + p r e + p o w e r t r - p o w e r t r - v c c + v c c o u t / c h 1 - o u t / c h 1 + 1 2 3 4 5 6 7 8 9 10 11 12 13 (size) 59.2mm 25.5mm 8.5mm 1ch classab/2.54mm stk404-140n 180w/jeita t h 1 t h 2 i n / c h 1 n f / c h 1 s u b - p r e + p r e + p o w e r t r - p o w e r t r - v c c + v c c o u t / c h 1 - o u t / c h 1 +
STK404-140N-E no.a2100-7/11 characteristic of evaluation board thd ? p o 0.001 2 3 5 7 2 3 5 7 2 3 5 7 2 3 5 7 2 3 5 7 0.01 0.1 1.0 10 100 0 20 40 60 80 100 120 140 160 0.1 10 1.0 2 3 57 2 3 57 2 3 57 2 3 57 2 3 57 2 3 57 2 3 57 2 3 57 100 1.0 10 100 100 1k 10k 30 40 50 60 1000 1000 output power, p o /ch -- w pd ? p o total power dissipation within the board, pd -- w 0.1 supply voltage, v cc -- v p o ? v cc 0 100 200 320 300 20 70 frequency, f -- hz p o ? f output power, p o /ch -- w 0 100 200 300 320 10 2 3 57 2 3 57 2 3 57 2 3 57 100k output power, p o /ch -- w total harmonic distortion, thd -- % output power, p o /ch -- w f=20khz t h d = 1 0 % t h d= 0 . 4 % thd=10% thd=1% f=1khz v cc = 51v r l =6 1ch drive vg=30db rg=600 tc=25 c f=1khz r l =6 1ch drive vg=30db rg=600 tc=25 c v cc = 51v f=1khz r l =6 1ch drive vg=30db rg=600 tc=25 c v cc = 51v r l =6 1ch drive vg=30db rg=600 tc=25 c
STK404-140N-E no.a2100-8/11 a thermal design tip for STK404-140N-E amplifier [thermal design conditions] the thermal resistance ( c-a) of the heat-sink which manages the heat dissipation inside the hybrid ic will be determined as follow: (condition 1) the case temperature (tc) of the hybrid ic should not exceed 125c pd c-a + ta < 125c (1) where ta : the ambient te mperature for the system (condition 2) the junction temperature of e ach power transistor should not exceed 150c pd c-a + pd/n j-c + ta < 150c(2) where n : the number of transistors (two for 1 channel , ten for channel) j-c : the thermal resistance of each transistor (see specification) note that the power consumption of each power transistor is assumed to be equal to the total power dissipation (pd) divided by the number of transistors (n). from the formula (1) and (2), we will obtain: c-a < (125 ? ta)/pd(1)? c-a < (150 ? ta)/pd ? j-c/n(2)? the value which satisfies above formula (1)? and (2)? w ill be the thermal resistance for a desired heat-sink. note that all of the component except power transistors employed in the hybr id ic comply with above conditions. [example of thermal design] generally, the power consumption of actual music signals are being estimated by the continuous signal of 1/8 p o max. (note that the value of 1/8 p o max may be varied from the country to country.) (sample of STK404-140N-E ; 120w1ch) if v cc is 51v, and r l is 6 , then the total power dissipation (pd) of inside hybrid ic is as follow; pd = 57.2w (at 15w output power,1/8 of p o max) there are four (2) transistors in audio sectio n of this hybrid ic, and thermal resistance ( j-c) of each transistor is 1.1c/w. if the ambient temperature (ta) is gu aranteed for 50c, then the thermal resistance ( c-a) of a desired heat- sink should be; from (1)? c-a < (125 ? 50)/57.2 < 1.31 from (2)? c-a < (150 ? 50)/57.2 ? 1.1/2 < 1.19 therefore, in order to satisfy both (1)? and (2)?, the th ermal resistance of a desired heat-sink will be 1.19c/w. [note] above are reference only. the samples ar e operated with a constant power suppl y. please verify the conditions when your system is actually implemented.
STK404-140N-E no.a2100-9/11 stk404-000n-esr stand-by contro l & mute control application 4 1 10 12 13 11 9 6 3 2 8 7 5 4 1 10 12 11 9 6 3 2 8 7 5 4 1 10 9 6 3 2 8 7 5 + + + + + + + out +12v +v cc -v cc in STK404-140N-E stk404-120n-e stk404-070n-e 10k 10k 10k 10k 6.8k vz=13v 12v regulator stand-by control h:operation mode l:stand-by mode tdr > 1s sb1 sb2 mute st-by st-by mute mute play tdf > 100ms 5v 5v 5v mute control h:signal mute l:normal +12v +v cc 10k 10k 2.2k 10k 10k 10k sb1 10k sb2 stk404-000n-esr thermal shut down application 4 1 10 12 13 11 9 6 3 2 8 7 5 4 1 10 12 11 9 6 3 2 8 7 5 thermal sensor +12v shutdown signal stk404-120n-e stk404-070n-e no thermal sensor thermal sensor +12v shutdown signal STK404-140N-E
STK404-140N-E no.a2100-10/11 thermal sensor characteristic rp ? tp stk404-120n-e STK404-140N-E 100k 100k 0 20 40 60 80 100 120 140 0 20 40 60 80 100 120 140 rp ? tp resistance, rp -- temperature, tp -- c 100 1k 2 3 5 7 10k 2 3 5 7 2 3 5 7 1k 2 3 5 7 10k 2 3 5 7 2 3 5 7 -- 20 160 temperature, tp -- c 100 -- 20 160 resistance, rp -- reference reference STK404-140N-E road-short & dc vo ltage protection application 13 12 11 10 9 8 7 6 5 4 3 2 1 + - 56k 10k 100k 100k 22k 10k 10k 10 f 47 f 1k +5v to sb1 to sb2 h:operation mode l:protection mode 56k 82k 6.8k 0.22 -v cc out amp. -ve sub nf in dc voltage protection road-short protection +ve
STK404-140N-E no.a2100-11/11 ps sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specif ications of any and all sanyo semiconductor co.,ltd. products described or contained herein. regarding monolithic semiconductors, if you should intend to use this ic continuously under high temperature, high current, high voltage, or drastic temperature change, even if it is used within the range of absolute maximum ratings or operating conditions, there is a possibility of decrease reliability. please contact us for a confirmation. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equ ipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above. this catalog provides information as of august, 2012. specifications and information herein are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of STK404-140N-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X